Part Number Hot Search : 
MSQ6410C P6KE120 11B4D N5253 BC141 0BGXC 74HC1 RB751
Product Description
Full Text Search
 

To Download APT2X100D60J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular sot-227 package ? low forward voltage ? high blocking voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed recti ers ultrafast soft recovery rectifier diode 053-6007 rev h 9-2009 static electrical characteristics maximum ratings all ratings: t c = 25c unless otherwise speci ed. dual die isotop ? package APT2X100D60J apt2x101d60j apt2x101d60j 600v 100a APT2X100D60J 600v 100a symbol v f i rm c t unit volts a pf min typ max 1.6 2.0 1.7 1.4 250 500 170 forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 100a i f = 200a i f = 100a, t j = 125c v r = 600v v r = 600v, t j = 125c symbol characteristic / test conditions apt2x100_101d60j unit v r maximum d.c. reverse voltage 600 volts v rrm maximum peak repetitive reverse voltage v rwm maximum working peak reverse voltage i f (av) maximum average forward current (t c = 90c, duty cycle = 0.5) 100 amps i f (rms) rms forward current (square wave, 50% duty) 160 i fsm non-repetitive forward surge current (t j = 45c, 8.3ms) 1000 t j ,t stg operating and storagetemperature range -55 to 175 c t l lead temperature for 10 sec. 300 microsemi website - http://www.microsemi.com anti-parallel parallel 2 1 3 23 4 14 s o t -2 2 7 isotop ? 1 2 3 4 file # e145592 "ul recognized"
053-6007 rev h 9-2009 dynamic characteristics thermal and mechanical characteristics microsemi reserves the right to change, without notice, the speci cations and information contained herein. characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum terminal & mounting torque symbol r jc r ja w t torque min typ max .42 20 1.03 29.2 10 1.1 unit c/w oz g lb?in n?m min typ max - 34 - 180 - 390 - 5 - - 220 - 1450 - 13 - - 110 - 2550 - 40 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 100a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 100a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 100a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 10 -5 10 -4 10 -3 10 -2 0.1 1 z jc , thermal impedance (c/w) rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note:
053-6007 rev h 9-2009 apt2x101_100d60j typical performance curves t j =125 c v r =400v 50a 100a 200a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55 c t j = 25 c t j = 125 c t j = 150 c v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change duty cycle = 0.5 t j =150 c 160 140 120 100 80 60 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 300 250 200 150 100 50 0 3000 2500 2000 1500 1000 500 0 100a 200a 50a t j =125 c v r =400v 0 0.5 1 1.5 2 2.5 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j =125 c v r =400v 100a 50a 200a 250 200 150 100 50 0 50 40 30 20 10 0 0 25 50 75 100 125 150 25 50 75 100 125 150 .4 1 10 100 200 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1600 1400 1200 1000 800 600 400 200 0
apt2x101_100d60j 053-6007 rev h 9-2009 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform apt60m75l2ll APT2X100D60J apt2x101d60j sot-227 package outline microsemi?s products are covered by one or more of u.s. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,5 03,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157, 886 6,939,743 7,342,262 and foreign patents. us and foreign patents pending. all rights reserved. anode 1 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 h100 (4 places) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) anode 2 anti-parallel parallel cathode 1 r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) cathode 2 anode 1 cathode 2 anode 2 cathode 1


▲Up To Search▲   

 
Price & Availability of APT2X100D60J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X